Part Number Hot Search : 
GUGLA4 FBR12 V16PA FM203 82PR10LF BLD128 WP934 HEF4042B
Product Description
Full Text Search
 

To Download ABM63CA-40001MHZ-30-E-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  at-cut low cost ceramic smd crystal | | | | | | | | | | | | | | | abm63ca standard specifications: options and part identification: (left blank if standard) applications: features: p arameters abracon p/n: abm63ca series frequency range : 8.0 mhz to 48 mhz operating temperature : -10c to + 60c (see options) operation mode : at-cut (fundamental for <40mhz, 3rd ot for >40mhz) storage temperature : -40c to +85c equivalent series resistance : see table 1 shunt capacitance c0 : 7pf max load capacitance cl: 18pf (see option) drive level: 100uw max aging @ 25c per year : 10ppm max insulation resistance: 500mohms min at 100vdc freq. tolerance at +25 c : 30ppm max. (contact abracon for tighter tolerance) 50ppm max. (contact abracon for tighter stability) freq. stability over operating temperature (ref to +25 c): 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 01.28.10 visit www.abracon.com for terms & conditions of sale 6 . 0 x 3 . 5 x 1 . 2 m m ? industrial standard package 6.0 x 3.5mm with 2padx. ? ideal for cost sensitive commercial electronics ? suitable for high volume applications ? laptop computers ? computer peripherals ? home network modem table 1 esr (   ) 80 60 40 contact abracon test condition: parts shall be tested under the condition of +2015 c of the temperature, +65%20%rh of the humidity unless the standard condition of +252 c of the temperature, +65%5%rh of the humidity is specified. 40.001 - 48.008 frequency (mhz) 8.000 - 11.999 12.000 - 16.000 16.001 - 40.000 pb rohs compliant a b m 63ca ? m h z - - - f r equenc y i n m h z e . g . 2 4 . 576 m h z 14 . 31818 m hz 26 . 000 m h z pack a g i n g b l ank : b u l k t : t ape & r ee l o pe r a t i ng te m p . e : 0 c ~ + 7 0 c b : - 20 c ~ + 70 c load cap a c i t a nc e p l e a se spec i f y c l i n p f ( f r o m 1 2 t o 30 ) abracon is iso 9001 / qs 9000 ce r tified abracon is iso9001:2008 ce r tified
at-cut low cost ceramic smd crystal | | | | | | | | | | | | | | | abm63ca 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 01.27.10 visit www.abracon.com for terms & conditions of sale 6 . 0 x 3 . 5 x 1 . 2 m m pb rohs compliant dimensions: inches (mm) outline drawing: tape & reel: t = tape and reel 1,000pcs/reel 6.1 reflow profile dimension : mm p e a k : 2 6 0 m a x 2 5 0 p r e - h e a t i n g 1 0 s m a x w i t h i n 8 0 - 1 2 0 s . w i t h i n 2 0 - 4 0 s 3 0 s m i n 2 3 0 1 5 0 1 0 0 dimension : mm b l a nk p o c k et 10 p it c h es l o a d e d p o c k e t b l a n k p o c k e t 1 0 p it c h es l e a d e r 20 0 m m m ax c a r r ie r t a p e to p t a p e p e e l i n g s t r e n g t h 2 0 - 7 0 g 1 0 ma x a w t p i e c e s p e r r e e l c a r r i e r t a p e s i ze 1 8 0 3 1 6 . 4 m in 2 2 . 4 m a x 1 0 0 0 t y p . 1 6 reflow profile: note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d . abracon is iso 9001 / qs 9000 ce r tified abracon is iso9001:2008 ce r tified


▲Up To Search▲   

 
Price & Availability of ABM63CA-40001MHZ-30-E-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X